Part Number Hot Search : 
AD802 AN143 100EL 1N1001 32MPD D13005K FB4110 1N4005FF
Product Description
Full Text Search
 

To Download DDA124EH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDA (xxxx) H
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDC) Built-In Biasing Resistors Lead Free By Design/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5)
A
SOT-563 Dim Min 0.15 1.10 1.55 0.90 1.50 0.56 0.15 0.10 Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.25 0.18 1.00 1.60 0.60 0.20 0.11 Typ 0.25 1.20 1.60 A B C
D
PXXYM
BC
Mechanical Data
* * * * * * Case: SOT-563 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Weight: 0.005 grams (approximate)
G
D G H
M
K H
K L
L
M
All Dimensions in mm
SEE NOTE 1
P/N DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH R1 22K 47K 4.7K 10K 2.2K 10K 4.7K 10K R2 22K 47K 4.7K 47K 47K 10K MARKING P17 P20 P08 P14 P06 P13 P07 P12
6
5
4
6
5
R1 R1
4
R1 R 2 R2 R1
1
2
R1, R2
3
1
2
R1 Only
3
SCHEMATIC DIAGRAM, TOP VIEW
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VCC DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH All (Note 2) Value -50 +10 to -40 +10 to -40 +10 to -30 +6 to -40 +5 to -12 +10 to -40 +5V max +5V max -30 -30 -100 -70 -100 -50 -100 -100 -100 150 833 -55 to +150 Unit V
Characteristic Supply Voltage (6) to (1) and (3) to (4) Input Voltage (2) to (1) and (5) to (4)
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range
Notes: 1. 2. 3. 4. 5.
IC (Max) Pd RJA Tj, TSTG
mA mW C/W C
Package is non-polarized. Parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30420 Rev. 4 - 2
1 of 4 www.diodes.com
DDA (xxxx) H
(c) Diodes Incorporated
Electrical Characteristics
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Symbol Min -50 -50 -5 100 Typ 250 250 Max -0.5 -0.5 -0.3 600 Unit V V V A A V MHz IC = -50A IC = -1mA IE = -50A VCB = -50V VEB = -4V IC/IB = -2.5mA / -0.25mA IC/IB = -1mA / -0.1mA IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz Test Condition DDA143TH DDA114TH Test Condition
Characteristic (DDA143TH & DDA114TH only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Gain-Bandwidth Product*
Characteristic DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH
Min -0.5 -0.5 -0.5 -0.3 -0.5 -0.5
Typ -1.1 -1.1 -1.1 -1.1 -1.9 -1.9 -1.9 -1.9
Max
Unit
Vl(off)
V
VCC = -5V, IO = -100A
Input Voltage
Vl(on)
-3.0 -3.0 -3.0 -1.4 -1.1 -3.0
Output Voltage
VO(on)
-0.1
-0.3
V
VO = -0.3V, IO = -5mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -1mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -10mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA / -0.5mA
Input Current
Il
-0.36 -0.18 -1.8 -0.88 -3.6 -0.88 -0.5
mA
VI = -5V
Output Current DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH
IO(off)
56 68 20 68 80 30
A
VCC = -50V, VI = -0V
DC Current Gain
Gl
Gain-Bandwidth Product*
* Transistor - For Reference Only
fT
250
VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA MHz VCE = -10V, IE = -5mA, f = 100MHz
DS30420 Rev. 4 - 2
2 of 4 www.diodes.com
DDA (xxxx) H
(c) Diodes Incorporated
Typical Curves - DDA143EH
250
1 VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
75C -25C 25C
150
100
0.01
50
0
-50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001
0
40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
1,000
12
f = 1MHz
10
hFE, DC CURRENT GAIN
COB, CAPACITANCE (pF)
100
8
6
10
4
2 0
1
1
10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
100
0
10 15 25 5 20 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
30
100
75C
10
VO = 0.2V
IC, COLLECTOR CURRENT (mA)
1
Vin, INPUT VOLTAGE (V)
10
1
0.1
0.01
0.1
0
1
8 9 6 7 3 4 5 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2
10
0
10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
50
DS30420 Rev. 4 - 2
3 of 4 www.diodes.com
DDA (xxxx) H
(c) Diodes Incorporated
Ordering Information (Note 6)
Device DDA124EH-7 DDA144EH-7 DDA143EH-7 DDA114YH-7 DDA123JH-7 DDA114EH-7 DDA143TH-7 DDA114TH-7
Notes: 6.
Packaging SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
PXXYM
Date Code Key Year Code Month Code
2003 P Jan 1
2004 R Feb 2 Mar 3
2005 S Apr 4
2006 T May 5
2007 U Jun 6
2008 V Jul 7
2009 W Aug 8 Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30420 Rev. 4 - 2
4 of 4 www.diodes.com
DDA (xxxx) H
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDA124EH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X